Part Number Hot Search : 
1SMA11 GA48V UPD16782 UPD161 FCQ10A04 337JZTR XP6115 5230B
Product Description
Full Text Search
 

To Download 1N4572D2A-JQRSGRPB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6.4v temperature compensated zener diode semelab limited reserves the right to change test c onditions, parameter limits and package dimensions without notice. information furnished by semelab is believed to be both accurate and reliable at the time of going to press. however semelab assumes no responsibility for any errors or omissions discovered in its use. semelab encourage s customers to verify that datasheets are current before placing a n order. semelab semelab semelab semelab limited limited limited limited coventry road, lutterworth, leicestershire, le17 4 jb document number 8251 telephone +44 (0) 1455 556565 fax +44 (0) 1455 552612 issue 3 email: sales@semelab-tt.com website: http://www.semelab-tt.com page 1 of 4 1n4565 - 1n4584ad2a 1n4565 - 1n4584ad2b hermetic ceramic surface mount package 6.4v 5% reference voltage stable over a wide temperature range space level and high-reliability screening options av ailable absolute maximum ratings (t a = 25 c unless otherwise stated) v zm reference voltage 6.4v i zm (1) continuous dc current 70ma p t total power dissipation at t a = 25 c 500mw de-rate t a > 25 c 3.33mw/ c t j junction temperature range -55 to +175 c t stg storage temperature range -55 to +175 c t sp maximum soldering pad temperature for 20s 260 c thermal properties symbol parameter min typ max units r ja thermal resistance junction to ambient 260 c/w electrical characteristics (t a = 25 c unless otherwise stated) symbol parameter test conditions min typ max units v z zener voltage at i zt 6.08 6.4 6.72 v d v z zener voltage coefficient from v z see electrical stability table i r reverse leakage current v r = 3v 2.0 m a z z dynamic impedance see electrical stability table
6.4v temperature compensated zener diode 1n4565 - 1n4584ad2a 1n4565 - 1n4584ad2b semelab semelab semelab semelab limited limited limited limited coventry road, lutterworth, leicestershire, le17 4 jb document number 8251 telephone +44 (0) 1455 556565 fax +44 (0) 1455 552612 issue 3 email: sales@semelab-tt.com website: http://www.semelab-tt.com page 2 of 4 electrical stability characteristics (t a = 25 c unless otherwise stated) type i zt d dd d v z z z zener test current zener voltage coefficient (1) dynamic impedance 0.01ma dc (1) at i zt at i zt , i sig = 10% i zt rms max. t a 2 c max. ma mv c 1n4565 0.5 48 0, +25, +75 200 1n4566 0.5 24 0, +25, +75 200 1n4567 0.5 10 0, +25, +75 200 1n4568 0.5 5 0, +25, +75 200 1n4569 0.5 2 0, +25, +75 200 1n4565a 0.5 100 -55, 0, +25, +75, +100 200 1n4566a 0.5 50 -55, 0, +25, +75, +100 200 1n4567a 0.5 20 -55, 0, +25, +75, +100 200 1n4568a 0.5 10 -55, 0, +25, +75, +100 200 1n4569a 0.5 5 -55, 0, +25, +75, +100 200 1n4570 1.0 48 0, +25, +75 100 1n4571 1.0 24 0, +25, +75 100 1n4572 1.0 10 0, +25, +75 100 1n4573 1.0 5 0, +25, +75 100 1n4574 1.0 2 0, +25, +75 100 1n4570a 1.0 100 -55, 0, +25, +75, +100 100 1n4571a 1.0 50 -55, 0, +25, +75, +100 100 1n4572a 1.0 20 -55, 0, +25, +75, +100 100 1n4573a 1.0 10 -55, 0, +25, +75, +100 100 1n4574a 1.0 5 -55, 0, +25, +75, +100 100 1n4575 2.0 48 0, +25, +75 50 1n4576 2.0 24 0, +25, +75 50 1n4577 2.0 10 0, +25, +75 50 1n4578 2.0 5 0, +25, +75 50 1n4579 2.0 2 0, +25, +75 50 1n4575a 2.0 100 -55, 0, +25, +75, +100 50 1n4576a 2.0 50 -55, 0, +25, +75, +100 50 1n4577a 2.0 20 -55, 0, +25, +75, +100 50 1n4578a 2.0 10 -55, 0, +25, +75, +100 50 1n4579a 2.0 5 -55, 0, +25, +75, +100 50 1n4580 4.0 48 0, +25, +75 25 1n4581 4.0 24 0, +25, +75 25 1n4582 4.0 10 0, +25, +75 25 1n4583 4.0 5 0, +25, +75 25 1n4584 4.0 2 0, +25, +75 25 1n4580a 4.0 100 -55, 0, +25, +75, +100 25 1n4581a 4.0 50 -55, 0, +25, +75, +100 25 1n4582a 4.0 20 -55, 0, +25, +75, +100 25 1n4583a 4.0 10 -55, 0, +25, +75, +100 25 1n4584a 4.0 5 -55, 0, +25, +75, +100 25 notes notes notes notes (1) to guarantee voltage temperature stability, it is n ecessary to maintain a stable i z as specified
6.4v temperature compensated zener diode 1n4565 - 1n4584ad2a 1n4565 - 1n4584ad2b semelab semelab semelab semelab limited limited limited limited coventry road, lutterworth, leicestershire, le17 4 jb document number 8251 telephone +44 (0) 1455 556565 fax +44 (0) 1455 552612 issue 3 email: sales@semelab-tt.com website: http://www.semelab-tt.com page 3 of 4 mechanical data * the additional contact provides a connection to t he lid in the application. connecting the metal lid to a known electrical potential stops deep dielectric discharge in space applications; see the space weather link www.semelab.co.uk/dlcc2.html on the semelab web site. package variant to be specified at order. other package outlines may be available ? contact s emelab sales to enquire dlcc2 variant a (d2a) pad 1 anode pad 2 cathode dimension mm inches a 5.00 0.10 0.197 0.004 b 2.61 0.10 0.103 0.004 c 1.08 0.10 0.043 0.004 d 1.76 0.10 0.069 0.004 dlcc2 variant b (d2b) pad 1 anode pad 2 cathode pad 3 lid contact to anode* dimension mm inches a 5.00 0.10 0.197 0.004 b 2.61 0.10 0.103 0.004 c 1.08 0.10 0.043 0.004 a b c solder pad layout d - 5a dimension mm inches a 6.25 0.246 b 1.70 0.067 c 2.67 0.105 dlcc2/ d-5a melf overlay
6.4v temperature compensated zener diode 1n4565 - 1n4584ad2a 1n4565 - 1n4584ad2b semelab semelab semelab semelab limited limited limited limited coventry road, lutterworth, leicestershire, le17 4 jb document number 8251 telephone +44 (0) 1455 556565 fax +44 (0) 1455 552612 issue 3 email: sales@semelab-tt.com website: http://www.semelab-tt.com page 4 of 4 screening options space level (jqrs/esa) and high reliability options a re available in accordance with the high reliability and screening options handbook available for download from the from the tt electronics semelab web site. esa quality level products are based on the testing procedures specified in the generic escc 5000 and in the corresponding part detail specifications. semelabs qr216 and qr217 processing specifications (jqrs), in conjunction with the companies iso 9001: 2000 approval present a viable alternative to the america n mil- prf-19500 space level processing. qr217 (space level quality conformance) is based on the quality conformance inspection requirements of mil- prf- 19500 groups a (table v), b (table via), c (table vi i) and also esa / escc 5000 (chart f4) lot validation tests. qr216 (space level screening) is based on the scree ning requirements of mil-prf-19500 (table iv) and also e sa /escc 5000 (chart f3). jqrs parts are processed to the device data sheet a nd screened to qr216 with conformance testing to q217 groups a and b in accordance with mil-std-750 method s and procedures. additional conformance options are available, for ex ample pre-cap visual inspection, buy-off visit or data pac ks. these are chargeable and must be specified at the o rder stage (see ordering information). minimum order quantities may apply. alternative or additional customer specific conforma nce or screening requirements would be considered. contact semelab sales with enquires. marking details parts can be laser marked with approximately 7 char acters on two lines and always includes cathode identifica tion. typical marking would include part or specification number, week of seal or serial number subject to available space and legibility. customer specific marking requirements can be arrang ed at the time of order. example marking: 1n4565-a 001 ordering information part numbers are built up from type, package varian t, and screening level. the part numbers are extended to i nclude the additional options as shown below. type ? see electrical stability characteristics tab le package variant ? see mechanical data screening level ? see screening options (esa / jqrs) additional options: customer pre-cap visual inspection .cvp customer buy-off visit .cvb data pack .da solderability samples .ss scanning electron microscopy .sem radiography (x-ray) .xray total dose radiation test .rad mil-prf-19500 (qr217) group b charge .grpb group b destructive mechanical samples .gbdm (12 pi eces) group c charge .grpc group c destructive electrical samples .gcde (12 pi eces) group c destructive mechanical samples .gcdm (6 pie ces) esa/escc lot validation testing (subgroup 1) charge .lvt1 lvt1 destructive samples (environmental) .l1de (15 pieces) lvt1 destructive samples (mechanical) .l1dm (15 pie ces) lot validation testing (subgroup 2) charge .lvt2 lvt2 endurance samples (electrical) .l2d (15 pieces ) lot validation testing (subgroup 3) charge .lvt3 lvt3 destructive samples (mechanical) .l3d (5 piece s) additional option notes: 1) all ?additional options? are chargeable and must be specified at order stage. 2) when group b,c or lvt is required, additional el ectrical and mechanical destructive samples must be ordered 3) all destructive samples are marked the same as o ther production parts unless otherwise requested. example ordering information: the following example is for the 1n4565a part with package variant a, jqrs screening, additional group c conformance testing and a data pack. part numbers: 1n4565ad2a-jqrs (include quantity for flight parts) 1n4565ad2a-jqrs.grpc (chargeable conformance option) 1n4565ad2a-jqrs.gcde (charge for destructive parts) 1n4565ad2a-jqrs.gcdm (charge for destructive parts) 1n4565ad2a-jqrs.da (charge for data pack) customers with any specific requirements (e.g. marki ng or screening) may be supplied with a similar alternati ve part number (there is maximum 20 character limit to part numbers). contact semelab sales with enquiries. high reliability and screening options handbook link : http://www.semelab.co.uk/pdf/misc/documents/hirel_ and_screening_options.pdf


▲Up To Search▲   

 
Price & Availability of 1N4572D2A-JQRSGRPB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X